Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P22SSS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P22SSS
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P22SSS Datasheet(HTML) 2 Page - Vishay Siliconix

  P22SSS Datasheet HTML 1Page - Vishay Siliconix P22SSS Datasheet HTML 2Page - Vishay Siliconix P22SSS Datasheet HTML 3Page - Vishay Siliconix P22SSS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P22S
www.vishay.com
Vishay MCB
Revision: 06-Oct-16
2
Document Number: 32512
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBERING GUIDELINES
MODEL
FUNCTION
MOUNTING
TYPE
VALUE
LINEARITY
ANGLE
PACKAGING
P22
S = single
B = bushing
(only with sleeve bearing)
S = servo
(with sleeve bearing
or ball bearing)
S = sleeve bearing
R = ball bearing
472 = 4K7
103 = 10K
X = 2 %
(bushing or servo)
A = 1 % (servo)
0340
B = box
DIMENSIONS in millimeters
P22SBS
OPTIONS ON REQUEST
OPTION 1
OPTION 2
22.2
9.5
1.5
9
12.1 max.
5.5
=
=
5 max. tightening
22.4 ± 0.5
3 ± 0.1
9.7 ± 0.5
0.5
22
1.5
9.5
5 max. tightening



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com