Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POPR27 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # POPR27
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POPR27 Datasheet(HTML) 4 Page - Vishay Siliconix

  POPR27 Datasheet HTML 1Page - Vishay Siliconix POPR27 Datasheet HTML 2Page - Vishay Siliconix POPR27 Datasheet HTML 3Page - Vishay Siliconix POPR27 Datasheet HTML 4Page - Vishay Siliconix POPR27 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POPR27
www.vishay.com
Vishay MCB
Revision: 04-Jan-17
4
Document Number: 32522
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Clockwise direction viewed from control shaft side
POWER RATING CHART
OPTIONS (on request)
• Other ohmic value: 2 k
; 5 k; 50 k
• Other tolerances on Rn: ± 10 %
• Other linearities: ± 0.065 %
• Other theoretical electrical travel
• Connectors (center tap)
• Through shaft
• Insulating resistance:
 10 G at 500 V
DC
• Shaft: without flat surface (without D shape)
• Total length (old model with one gang):
14 mm in place of 16 mm
• Type of wiper: 5 strands or 2 or 3 lamellas
• Protection class: IP 65 (front flange)
• Electrical reference: 0.5 U ± 0.1 % U
• Electrical phasing between cups: ± 0.1 % or 0.03 % at U/2
• Mechanical reference: U/2 printing flange / shaft at ± 10°
(by printing or machined hole on the flange)
• Intensity accidental = 5 mA
• Function: sine and / or cosine with accuracy ± 1 %
OPTION 4: 4 CUPS WITH INTERMEDIATE HOUSING
DIMENSIONS in millimeters
R17.5 max.
Shaft with slot flus
with rear side
+ 0.2
0
2 x Ø 2.5
at 180°
Working depth: 2
Ø 23 ± 0.1
37 ± 0.5
8.5 ± 0.5
Ø 3.175 0
- 0.013
U/2 ± 10°
A
C
B
°C
W
1.25
070
125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com