Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITPR016 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KITPR016
Description  Kit Potentiometer Rotational Analog Displacement Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPR016 Datasheet(HTML) 2 Page - Vishay Siliconix

  KITPR016 Datasheet HTML 1Page - Vishay Siliconix KITPR016 Datasheet HTML 2Page - Vishay Siliconix KITPR016 Datasheet HTML 3Page - Vishay Siliconix KITPR016 Datasheet HTML 4Page - Vishay Siliconix KITPR016 Datasheet HTML 5Page - Vishay Siliconix KITPR016 Datasheet HTML 6Page - Vishay Siliconix KITPR016 Datasheet HTML 7Page - Vishay Siliconix KITPR016 Datasheet HTML 8Page - Vishay Siliconix KITPR016 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KITPR
www.vishay.com
Vishay MCB
Revision: 27-Apr-17
2
Document Number: 32545
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
Note
• See “Electrical Specifications” for the angle
MECHANICAL SPECIFICATIONS FOR KITPR016, KITPR018 (H22)
PARAMETER
KITPR016
KITPR018 (H22)
Mechanical travel
-
-
Backlash
< 3'
-
Repeatability
-
-
Running and starting torque
 2 cN.cm
 3 cN.cm
Weight
0.7 g ± 0.1 g
4.2 g ± 0.5 g
MECHANICAL SPECIFICATIONS FOR KITPR022 (PR22), KITPR023 (H27), KITPR027 (PR27),
KITPR040, KITPR085
PARAMETER
KITPR022 (PR22)
KITPR023 (H27)
KITPR027 (PR27)
KITPR040
KITPR085
TET = 130°
TET = 340°
Mechanical travel
360°
-
360°
110° max.
-
Backlash
-
 0.05°
-
< 0.02°
< 1.2°
Repeatability
-
-
-
< 0.01°
-
Running and starting torque
 10 cN.cm
 12 cN.cm
-
 5.65 cN.cm
< 1.2 mN.m
Weight
 10 g
-
 15 g
-
12 g ± 1 g
75 g ± 5 g
PERFORMANCE FOR KITPR016, KITPR018 (H22)
PARAMETER
KITPR016
KITPR018 (H22)
Operating temperature range
-46 °C to +71 °C
-55 °C to +125 °C
Storage temperature range
-46 °C to +71 °C
-55 °C to +125 °C
Rotation humidity (max.)
55 % ± 20 %
5 % to 95 %
Thermal deviation at U/2 over operational
temperature range
--
PERFORMANCE FOR KITPR022 (PR22), KITPR023 (H27), KITPR027 (PR27), KITPR040,
KITPR085
PARAMETER
KITPR022 (PR22)
KITPR023 (H27)
KITPR027 (PR27)
KITPR040
KITPR085
TET = 120°
TET = 124°
Operating temperature range
-40 °C to +85 °C -55 °C to +90 °C -54 °C to +71 °C -40 °C to +85 °C -40 °C to +85 °C -43 °C to +90 °C
Storage temperature range
-40 °C to +85 °C -55 °C to +125 °C -64 °C to +90 °C -40 °C to +85 °C -46 °C to +71 °C -55 °C to +90 °C
Rotation humidity (max.)
-
-
-
5 % to 95 %
Thermal deviation at U/2 over
operational temperature range
-
 0.04 %
-
SAP PART NUMBERING GUIDELINES
MODEL
TYPE
SIZE
FUNCTION
VALUE
LINEARITY
PACKAGING
3 DIGITS
KITP
R = rotational
016
1
472 = 4K7
B = 0.5 %
B = box
(1 piece)
To consult
Vishay for
dedicated
3 digits
018
103 = 10K
D = 0.1 %
202 = 2K0
C = 0.25 %
222 = 2K2
471 = 470
B = 0.5 %
472 = 4K7
103 = 10K
022
472 = 4K7
A = 1 %
502 = 5K0
C = 0.25 %
023
502 = 5K0
A = 1 %
222 = 2K2
B = 0.5 %
027
472 = 4K7
A = 1 %
P = 0.3 %
040
103 = 10K
D = 0.1 %
085
252 = 2K5
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com