Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POTH12 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # POTH12
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH12 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button POTH12 Datasheet HTML 6Page - Vishay Siliconix POTH12 Datasheet HTML 7Page - Vishay Siliconix POTH12 Datasheet HTML 8Page - Vishay Siliconix POTH12 Datasheet HTML 9Page - Vishay Siliconix POTH12 Datasheet HTML 10Page - Vishay Siliconix POTH12 Datasheet HTML 11Page - Vishay Siliconix POTH12 Datasheet HTML 12Page - Vishay Siliconix POTH12 Datasheet HTML 13Page - Vishay Siliconix POTH12 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
13
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
for POTH27 1 or 2 gangs
• Electrical phasing (inter cups): ± 0.03 %
• Temperature coefficient: -200 ppm/°C ± 200 ppm/°C in function of ohmic value
Angle
U
Wiper
-33°
-30° - 0°
- 0.8°
30° + 0°
+ 0.8°
1° + 0°
+ 0.4°
-1° - 0°
- 0.4°
33°
-15 V
+15 V
3
1
4
2
U
Wiper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com