Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABMB16 Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # SABMB16
Description  4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

SABMB16 Datasheet(HTML) 3 Page - Advanced Linear Devices

  SABMB16 Datasheet HTML 1Page - Advanced Linear Devices SABMB16 Datasheet HTML 2Page - Advanced Linear Devices SABMB16 Datasheet HTML 3Page - Advanced Linear Devices SABMB16 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SABMB16/SABMB810025/SABMB910025
Advanced Linear Devices, Inc.
3 of 4
SABMB8100XX/SABMB9100XX
SUPERCAPACITOR AUTO BALANCING PCB
ENERGY HARVESTING APPLICATIONS
Supercapacitors offer an important benefit for energy harvesting
applications from a low energy source, by buffering and storing
such energy to drive a higher power load.
For energy harvesting applications, supercapacitor leakage
currents are a critical factor, as the average energy harvesting
input charge must exceed the average supercapacitor internal
leakage currents in order for any net energy to be harvested and
saved. Often, the input energy is variable, meaning that its input
voltage and current magnitude are not constant and may be
dependent upon a whole set of other parameters such as the
source energy availability, energy sensor conversion efficiency,
changing environmental conditions, etc.
SAB MOSFETs used for charge balancing, due to their high input
threshold voltages, would be completely turned off initially,
consuming zero drain current while the supercapacitor is being
charged, maximizing any energy harvesting gathering efforts. The
SAB MOSFET does not become active until the supercapacitor is
already charged to over 90% of its max. rated voltage. The trickle
charging of supercapacitors with energy harvesting techniques
tends to work well with SAB MOSFETs as charge balancing
devices, as it is less likely to have high transient energy spurts
resulting in excessive voltage or current excursions.
If an energy harvesting source only provides a few µA of current,
the power budget does not allow wasting any of this current on
capacitor leakage currents and power dissipation of resistor or
operational amplifier based charge-balancing circuits. It may also
be important to reduce long term leakage currents, as energy
harvesting charging at low levels may take up to many days.
In summary, in order for an energy harvesting application to be
successful, the input energy harvested must exceed all the energy
required, due to the leakages of the supercapacitors and the
charge-balancing circuits, plus any load requirements. With their
unique balancing characteristics and near-zero charge loss, SAB
MOSFETs are ideal devices for use in supercapacitor charge-
balancing in energy harvesting applications.
BATTERY POWERED APPLICATIONS
Many battery powered circuits requiring a supercapacitor to boost
power output can benefit from using SAB MOSFETs for
supercapacitor balancing. The additional power burn by using SAB
MOSFETs for supercapacitor stack balancing can actually be
negative, as adding SAB MOSFETs can save supercapacitor
leakage current and associated power dissipation by lowering the
operating bias voltage of the leakier supercapacior. Applications
that depend on long life battery usage must take into account the
supercapacitor leakage current and balancing circuit power burn
because the currents involved are steady state DC currents that
are continuous throughout the lifetime of the application and its
battery life. The average power dissipation with the addition of the
SABMB16 board is zero, provided the selection of the operating
voltages and SAB MOSFETs are appropriate for the leakage
currents of the supercapacitors specified.
* Magnified, not to scale
CONNECTION TO OTHER SABMBxx PCBs
The SABMB16 is compatible with other SABMBXX boards and is
designed to be used along with other SABMBXX boards connected
in series to achieve balancing the corresponding number of
supercapacitors installed in a series stack. For example, five
supercapacitors in series can be balanced with one SABMB16
PCB and one SABMB2 PCB connected in series.
For more information on the CHARACTERISTICS OF
SUPERCAPACITOR AUTO BALANCING (SABTM) MOSFETS,
please refer to the following documents:
* ALD8100XX/ALD9100XX FAMILY of SUPERCAPACITOR
AUTO BALANCING (SABTM) MOSFET ARRAYS
* Individual datasheet for chosen SAB MOSFET.
CAUTION:
Users must limit the voltage across any ALD9100XX chip to
15.0V max.
SABMB16 PCB CONNECTION TO
SUPERCAPACITORS C1, C2, C3, C4
A
A
B
B
C
C
D
D
E
E
V+
R1
R2
U3
U2
V-
A
A
B
B
C
C
V+
R1
U2
A
A
B
B
C
C
D
D
E
E
V+
R1
R2
U3
U2
V-
V+
VC
VB
VA
VE
VD
C1
C2
C3
C4
V- TO NEXT BOARD V+
V+ TO NEXT BOARD V-
VC
VB
VA
VE
VD
C1
C2
C3
C4
V- TO NEXT BOARD V+
V+ TO NEXT BOARD V-
VB
VA
C1
C2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com