Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD110808 Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD110808
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110808 Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD110808 Datasheet HTML 1Page - Advanced Linear Devices ALD110808 Datasheet HTML 2Page - Advanced Linear Devices ALD110808 Datasheet HTML 3Page - Advanced Linear Devices ALD110808 Datasheet HTML 4Page - Advanced Linear Devices ALD110808 Datasheet HTML 5Page - Advanced Linear Devices ALD110808 Datasheet HTML 6Page - Advanced Linear Devices ALD110808 Datasheet HTML 7Page - Advanced Linear Devices ALD110808 Datasheet HTML 8Page - Advanced Linear Devices ALD110808 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ALD110808A/ALD110808/
Advanced Linear Devices
2 of 12
ALD110908A/ALD110908, Vers. 2.3
Notes:
1
Consists of junction leakage currents
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V V- = GND TA = 25°C unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Gate Threshold Voltage
VGS(th)
0.78
0.80
0.82
0.78
0.80
0.82
V
IDS =1µA, VDS = 0.1V
Offset Voltage
VOS
12
3
10
mV
VGS(th)1-VGS(th)2
Offset Voltage Tempco
TCVOS
55
µV/°CVDS1 = VDS2
Gate Threshold Voltage
TCVGS(th)
-1.7
-1.7
mV/°CIDS = 1µA, VDS = 0.1V
Tempco
0.0
0.0
IDS = 20µA, VDS = 0.1V
+1.6
+1.6
IDS = 40µA, VDS = 0.1V
Drain Source On Current
IDS(ON)
12.0
12.0
mA
VGS = +10.3V, VDS = +5V
3.0
3.0
VGS = +4.8V, VDS = +5V
Forward Transconductance
GFS
1.4
1.4
mmho
VGS = +4.8V
VDS = +9.8V
Transconductance Mismatch
∆GFS
1.8
1.8
%
Output Conductance
GOS
68
68
µmho
VGS = +4.8V
VDS = +9.8V
Drain Source On Resistance
RDS(ON)
500
500
Ω
VGS = +4.8V
VDS = +0.1V
Drain Source On Resistance
∆RDS(ON)
0.5
0.5
%
Mismatch
Drain Source Breakdown
BVDSX
10
10
V
V- = VGS = -1.0V
Voltage
IDS = 1.0µA
Drain Source Leakage Current1
IDS(OFF)
10
400
10
400
pA
VGS = -0.2V, VDS = +5V
V- = -5V
44
nA
TA = 125°C
Gate Leakage Current1
IGSS
3
200
3
200
pA
VGS = +5V, VDS = 0V
11
nA
TA =125°C
Input Capacitance
CISS
2.5
2.5
pF
Transfer Reverse Capacitance
CRSS
0.1
0.1
pF
Turn-on Delay Time
ton
10
10
ns
V+ = 5V, RL= 5KΩ
Turn-off Delay Time
toff
10
10
ns
V+ = 5V, RL= 5KΩ
Crosstalk
60
60
dB
f = 100KHz
ALD110808A/ALD110908A
ALD110808/ALD110908
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Power dissipation
500 mW
Operating temperature range SCL, PCL, SAL, PAL
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com