Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD110808ASCL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD110808ASCL
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110808ASCL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD110808ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD110808ASCL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2016 Advanced Linear Devices, Inc., Vers. 2.3
www.aldinc.com
1 of 12
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD®
PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808A/ALD110808/ALD110908A/ALD110908
VGS(th)= +0.80V
PIN CONFIGURATION
GENERAL DESCRIPTION
ALD110808A/ALD110808/ALD110908A/ALD110908 are high precision
monolithic quad/dual enhancement mode N-Channel MOSFETs matched
at the factory using ALD’s proven EPAD® CMOS technology. These de-
vices are intended for low voltage, small signal applications.
These MOSFET devices are built on the same monolithic chip, so they
exhibit excellent temperature tracking characteristics. They are versatile
as circuit elements and are useful design component for a broad range of
analog applications. They are basic building blocks for current sources,
differential amplifier input stages, transmission gates, and multiplexer
applications. For most applications, connect the V+ pin to the most posi-
tive voltage and the V- and IC pins to the most negative voltage in the
system. All other pins must have voltages within these voltage limits at all
times.
ALD110808/ALD110908 devices are built for minimum offset voltage and
differential thermal response, and they are suited for switching and ampli-
fying applications in +1.0V to +10V (+/-5V) systems where low input bias
current, low input capacitance and fast switching speed are desired. As
these are MOSFET devices, they feature very large (almost infinite) cur-
rent gain in a low frequency, or near DC, operating environment.
These devices are suitable for use in precision applications which require
very high current gain, beta, such as current mirrors and current sources.
The high input impedance and the high DC current gain of the Field Effect
Transistors result from extremely low current loss through the control gate.
The DC current gain is limited by the gate input leakage current, which is
specified at 30pA at room temperature. For example, DC beta of the
device at a drain current of 3mA and input leakage current of 30pA at
25°C is = 3mA/30pA = 100,000,000.
FEATURES
• Enhancement-mode (normally off)
• Standard Gate Threshold Voltages: +0.80V
• Matched MOSFET to MOSFET characteristics
• Tight lot to lot parametric control
• Low input capacitance
• VGS(th) match to 2mV and 10mV
• High input impedance — 10
12Ω typical
• Positive, zero, and negative VGS(th) temperature coefficient
• DC current gain >10
8
• Low input and output leakage currents
APPLICATIONS
• Precision current mirrors
• Precision current sources
• Voltage choppers
• Differential amplifier input stage
• Voltage comparator
• Voltage bias circuits
• Sample and Hold
• Analog inverter
• Level shifters
• Source followers and buffers
• Current multipliers
• Analog switches / multiplexers
* Contact factory for industrial temp. range or user-specified threshold voltage values.
Operating Temperature Range*
0°C to +70°C0°C to +70°C
16-Pin
16-Pin
8-Pin
8-Pin
SOIC
Plastic Dip
SOIC
Plastic Dip
Package
Package
Package
Package
ALD110808ASCL
ALD110808APCL
ALD110908ASAL
ALD110908APAL
ALD110808SCL
ALD110808PCL
ALD110908SAL
ALD110908PAL
*IC pins are internally connected.
Connect to V-
SCL, PCL PACKAGES
SAL, PAL PACKAGES
ALD110808
ALD110908
IC*
1
2
3
14
15
16
4
13
5
12
IC*
6
7
8
10
11
GN1
DN1
IC*
DN4
IC*
GN4
9
GN3
DN3
DN2
GN2
V+
S34
S12
V-
V+
V-
M 4
M 3
M 1
M 2
V-
V-
V-
V-
V-
GN1
DN1
S12
DN2
GN2
1
2
3
6
7
8
4
5
M 1
M 2
V-
V-
V-
IC*
IC*
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))


Similar Part No. - ALD110808ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110808ASCL ALD-ALD110808ASCL Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
More results

Similar Description - ALD110808ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110802 ALD-ALD110802 Datasheet
37Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110802 ALD-ALD110802_16 Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
ALD110804 ALD-ALD110804_16 Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
ALD110814 ALD-ALD110814_16 Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
ALD111933 ALD-ALD111933_15 Datasheet
96Kb / 10P
DUAL N-CHANNEL ENHANCEMENT MODE EPAD
ALD114804 ALD-ALD114804_16 Datasheet
112Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
ALD114813 ALD-ALD114813_16 Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
ALD114835 ALD-ALD114835_16 Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com