Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD110808APCL Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD110808APCL
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110808APCL Datasheet(HTML) 8 Page - Advanced Linear Devices

Back Button ALD110808APCL Datasheet HTML 4Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 5Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 6Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 7Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 8Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 9Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 10Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 11Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 12Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ALD110808A/ALD110808/
Advanced Linear Devices
8 of 12
ALD110908A/ALD110908, Vers. 2.3
10
8
6
4
2
0
DRAIN-SOURCE ON CURRENT (mA)
TRANCONDUCTANCE vs.
DRAIN-SOURCE ON CURRENT
1.2
0.9
0.6
0.3
0.0
TA = +25°C
VDS = +10V
THRESHOLD VOLTAGE vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
4.0
2.0
0.0
1.0
3.0
-50
-25
0
25
50
125
100
75
Vt = +0.8V
Vt = +1.4V
Vt = +0.4V
Vt = +0.2V
Vt = 0.0V
IDS = +1µA
VDS = +0.1V
DRAIN-SOURCE ON CURRENT (nA)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
10000
0.1
10
1
100
1000
NORMALIZED SUBTHRESHOLD
CHARACTERISTICS RELATIVE TO
GATE THRESHOLD VOLTAGE
VDS = +0.1V
+55°C
+25°C
SUBTHRESHOLD FORWARD
TRANSFER CHARACTERISTICS
2.0
1.0
0.0
-1.0
-2.0
-3.0
-4.0
-25
125
25
75
AMBIENT TEMPERATURE (°C)
VGS(th) = -0.4V
VGS(th) = -1.3V
VGS(th) = 0.0V
VGS(th) = -3.5V
IDS = +1µA
VDS = +0.1V
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com