Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB8100 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRB8100
Description  Schottky Barrier Rectifier 20 to 100 Volts 8.0 Amp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB8100 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRB8100 Datasheet HTML 1Page - Micro Commercial Components MBRB8100 Datasheet HTML 2Page - Micro Commercial Components MBRB8100 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
1.0
8.0
6.0
4.0
2.0
0
.4
.5
.6
.7
.8
.9
1.0
1.1
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
100
200
300
10
1.0
0.1
0.01
0.001
T = 100 C
C
O
T = 75 C
C
O
T = 25 C
C
O
Fig.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
2
5
10 20
50 100
400
350
300
250
200
150
0
200
500
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60HZ
200
175
150
125
100
75
50
25
0
1
2
5
10
20
50
100
80V~100V
50V~60V
20V~40V
RATING AND CHARACTERISTIC CURVES
MBRB820 thru MBRB8100
Revision:
D
20
17/12/01
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com