Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-4231NH129 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL-4231NH129
Description  Through Hole Lamp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4231NH129 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL-4231NH129 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4231NH129 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4231NH129 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4231NH129 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4231NH129 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4231NH129 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-4231NH129 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Designed for ease in circuit board assembly.
* Black case enhance contrast ratio.
* Solid state light source.
* Reliable and rugged.
Package Dimensions
Lamp
Lens
Source
Part No.
Color
LTL-4231N
Green Diffused
Green
NOTES:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. The holder color is black.
4. The LED lamp is LTL-4231N.
5. Specifications are subject to change without notice
Part No. : LTL-4231NH129
Page :
1
of
6
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com