Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-4232 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL-4232
Description  Through Hole Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4232 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL-4232 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4232 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4232 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4232 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4232 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LITE-ON DCC
RELEASE
LITE-ON Technology Corp. / Optoelectronics
No.90,Chien 1 Road, Chung Ho, New Taipei City 23585, Taiwan, R.O.C.
Tel: 886-2-2222-6181 Fax: 886-2-2221-1948 / 886-2-2221-0660
http://www.liteon.com/opto
Through Hole Lamp
Product Data Sheet
LTL-4232
Spec No.: DS-20-95-0049
Effective Date: 07/30/2000
Revision: -
BNS-OD-FC001/A4
BNS-OD-FC001/A4
BNS-OD-FC001/A4
BNS-OD-FC001/A4


Similar Part No. - LTL-4232

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4232 LITEON-LTL-4232 Datasheet
625Kb / 6P
T-1 (3mm) Solid State LED Lamps
LTL-4232-041 LITEON-LTL-4232-041 Datasheet
440Kb / 6P
Through Hole Lamp
LTL-4232-071 LITEON-LTL-4232-071 Datasheet
440Kb / 6P
Through Hole Lamp
LTL-4232N LITEON-LTL-4232N Datasheet
391Kb / 5P
Through Hole Lamp
LTL-4232NHBP LITEON-LTL-4232NHBP Datasheet
641Kb / 10P
Through Hole Lamp
More results

Similar Description - LTL-4232

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
Through Hole Lamp
LTW-1NHDR5JH231 LITEON-LTW-1NHDR5JH231 Datasheet
410Kb / 11P
Through Hole Lamp
LTL2P3KRK LITEON-LTL2P3KRK Datasheet
477Kb / 11P
Through Hole Lamp
LTL2V3YV3KS LITEON-LTL2V3YV3KS Datasheet
565Kb / 9P
Through Hole Lamp
LTW-4EMFDNJ2 LITEON-LTW-4EMFDNJ2 Datasheet
480Kb / 10P
Through Hole Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com