Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3104B Datasheet(PDF) 21 Page - Micronas

Part # VDP3104B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B Datasheet(HTML) 21 Page - Micronas

Back Button VDP3104B Datasheet HTML 17Page - Micronas VDP3104B Datasheet HTML 18Page - Micronas VDP3104B Datasheet HTML 19Page - Micronas VDP3104B Datasheet HTML 20Page - Micronas VDP3104B Datasheet HTML 21Page - Micronas VDP3104B Datasheet HTML 22Page - Micronas VDP3104B Datasheet HTML 23Page - Micronas VDP3104B Datasheet HTML 24Page - Micronas VDP3104B Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
21
Micronas
2.9. Analog Back End
The digital RGB signals are converted to analog RGBs
using three video digital to analog converters (DAC) with
10-bit resolution. An analog brightness value is provided
by three additional DACs. The adjustment range is 40%
of the full RGB range.
Controlling the whitedrive/analog brightness and also
the external contrast and brightness adjustments is
done via the Fast Processor, located in the front-end.
Control of the cutoff DACs is via I2C-bus registers.
Finally cutoff and blanking values are added to the RGB
signals. Cutoff (dark current) is provided by three 9-bit
DACs. The adjustment range is 60% of full scale RGB
range.
The analog RGB-outputs are current outputs with cur-
rent-sink characteristics. The maximum current drawn
by the output stage is obtained with peak white RGB. An
external half contrast signal can be used to reduce the
output current of the RGB outputs to 50%.
2.9.1. CRT Measurement and Control
The display processor is equipped with an 8-bit PDM-
ADC for all measuring purposes. The ADC is connected
to the sense input pin, the input range is 0 to 1.5V. The
bandwidth of the PDM filter can be selected; it is
40/80 kHz for small/large bandwidth setting. The input
impedance is more than 1 M
Ω.
Cutoff and white drive current measurement are carried
out during the vertical blanking interval. They always use
the small bandwidth setting. The current range for the
cutoff measurement is set by connecting a sense resis-
tor to the MADC input. For the whitedrive measurement,
the range is set by using another sense resistor and the
range select switch 2 output pin (RSW2). During the ac-
tive picture, the minimum and maximum beam current
is measured. The measurement range can be set by us-
ing the range select switch 1 pin (RSW1) as shown in
Fig. 2–21 and Fig. 2–22. The timing window of this mea-
surement is programmable. The intention is to automati-
cally detect letterbox transmission or to measure the ac-
tual beam current. All control loops are closed via the
external control microprocessor.
SENSE
RSW1
RSW2
R2
R3
beam current
A
D
MADC
R1
Fig. 2–21: MADC Range Switches
ultra black
black
cutoff
white
drive
CR + IBRM
CR + IBRM + WDRV·WDR
R
G
B
TML
CG + IBRM
CB + IBRM
PICTURE MEAS.
PICTURE MEAS.
TUBE MEASUREMENT
active
measurement
resistor
R1
øR2øR3
RSW1=on, RSW2=on
R1
R1
øR3
RSW2
R
R
cutoff
cutoff
G
B
R1
øR2øR3
Fig. 2–22: MADC Measurement Timing
RSW1=on, RSW2=on
PMST
PMSO
=on
Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com