Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7129 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7129
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7129 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7129 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
VITESSE
SEMICONDUCTOR CORPORATION
Page 4
G52298-0, Rev 4.3
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Fill Word or Primitive Sequence. Any Fill Word or Primitive Sequence will reset the OSSDU counter which
will increment on any 160-bit sequence which is not a Fill Word or Primitive Sequence. If the counter reaches
256, a Fill Word or Primitive Sequence has not occured often enough so OSSDU is asserted until reset again.
SIGDET is just an or’ing of these three state machines resynchronized to the 160-bit interval clock.
If SEL5 is LOW or REFCLK is absent, the signal detect unit is disabled and SIGDET is LOW.
Application Example
Figure 2 shows one loop of an 8-drive JBOD implemented with two VSC712xs per loop. The input from
the connector goes through a repeater in order to clean up the signal prior to the array of disk drives. After all
eight PBCs, the output the to connector is retimed to ensure jitter compliance at the connector.
Figure 2: 8-Drive JBOD
SEL1
RPTR
1
0
I0
O0
I1
O1
I2
O2
I3
O3
I4
O4
SEL4
SEL3
SEL2
MODE=0
SEL0=1
Drive 2
Drive 3
Connector
Drive 8
MODE
SEL0
SEL1
RTMR
1
0
I0
O0
I1
O1
I2
O2
I3
O3
I4
O4
SEL4
SEL3
SEL2
MODE=1
SEL1=1
Drive 5
Drive 6
MODE
SEL0
1
1
0
1
NOT SHOWN: PBC5, SEL5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com