Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8061 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8061
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8061 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8061 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52069-0, Rev 4.3
Page 13
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8061/VSC8062
Multiplexer/Demultiplexer Chipset
2.5Gb/s 16-Bit
Table 8: VSC8062 Pin Identifications
NOTE: (1) Can be used single-ended.
Pin Number
QH Package
Pin Number
F Package
Signal
Name
I/O
Level
Description
48
21
CLK
I
HS
High-speed clock, true(1)
47
20
CLKN
I
HS
High-speed clock, complement(1)
44
17
DI
I
HS
Serial data input, true(1)
45
19
DIN
I
HS
Serial data input, complement(1)
31
8
CLK16
O
ECL
Parallel data clock (high-speed clock divide-by-
16), true
30
6
CLK16N
O
ECL
Parallel data clock (high-speed clock divide-by-
16), complement
8-11, 15-20,
22-25, 28, 29
3, 5, 31, 32,
34, 35, 39-42,
44, 45, 47, 48,
50, 51
D[0:15]
O
ECL
Parallel data outputs
1, 12, 27,
39, 51
4, 10, 18, 30,
36, 43, 49
VCC
Pwr
Most positive power supply
2, 5, 13, 14, 21,
26, 35
7, 46
VTT
Pwr
DCFL negative power supply
36, 42, 43,
46, 49
33
VEE
Pwr
SCFL negative power supply
3, 6, 32-34, 37,
38, 40, 41, 50
1, 2, 9, 11-16,
22, 24-27, 37,
38, 52
NC
Do not connect, leave open
4, 7
28, 29
Test
Pwr
Test inputs. Used in factory for testing, connect
to VTT through a resistor
52
23
VEE*
Pwr
Heat sink bias, connect to VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com