Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8113QB2 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC8113QB2
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113QB2 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC8113QB2 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8113QB2 Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
G52154-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 21
3/19/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Package Information
NOTES:
(1) Drawings not to scale.
(2) Two styles of exposed heat spreaders
(3) All units in millimeters unless otherwise noted
may be used; square or oval.
100 PQFP Package Drawings
Package #: 101-202-4
Issue #: 1
R
R1
A
A1
b
L
0.25
0.17 MAX
θ
6
° ± 4°
θ2
θ3
e
A2
TOP VIEW
RAD 2.92
± .50
(2X)
2.54
±.50
(2X)
PIN 100
PIN 1
EXPOSED
HEATSINK
9.0 X 9.0
D1
D
(NOTE 2)
(N0TE 2)
(NOTE 2)
(NOTE 2)
PIN 30
PIN 50
Key
mm
Tolerance
A3.40
MAX
A1
0.25
MIN.
A2
2.7
±.10
D
17.20
±.40
D1
14.00
±.10
E
23.20
±.40
E1
20.00
±.10
L0.80
±.2
e
0.65
NOM
b0.30
±.10
θ
0
°-7°
R.30
+0/-.1
R1
.2
NOM
θ2
15
°
θ3
15
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com