Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL621 Datasheet(PDF) 1 Page - Lumins Inc.

Part # CL621
Description  Optical system assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

CL621 Datasheet(HTML) 1 Page - Lumins Inc.

  CL621 Datasheet HTML 1Page - Lumins Inc. CL621 Datasheet HTML 2Page - Lumins Inc. CL621 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
COLUMN
VOLTAGE
FINISH
OPTION
OPTION
OPTION
1
CL621
1- Heavycastaluminumtopcoverwith
embeddedheatsink.
2- Opticalsystemassembly.
3- Ø6”(152)highimpactUVstabilized
clearacryliccylinder.Availablein24”
(610)clearacryliclength.
4- Ø1/2”(13)aluminumstruts.
5- Castaluminumdriverhousing.
6- Ø6”(152)extrudedaluminumcolumn.
MATERIALS
LumiSTIKcolumnismadeof6061-T6extrudedaluminumalloy.Allothercast
partsarecorrosionresistant356aluminumalloywithacopper(CU)contentof
lessthan0.1%.
COBLEDisassembledonathickpadhousingchamberdesignedwitha
heatsinkpatterntooptimizeheatdissipationandluminaireefficacy.The
powersupplyisenclosedinanisolatedchamberallowingquickaccessfor
electricalmaintenancewithoutdisturbingtheopticalchamber.
COBLEDisremovableandreplaceableforeaseofmaintenanceorlighting
upgrade.
ELECTRICAL
LED
DRIVER
Standarddriveris0-10Vdimming-ready(dimsto10%)with:
120-277multi-voltcompatibility(50-60Hz),operating
temperaturerangeof-30ºC/-22ºFto60ºC/140ºF,outputover
voltageprotection,outputovercurrentprotectionandoutput
shortcircuitprotectionwithauto-recovery.
LED
TypeIIIorVlightdistribution.Standard4000KCCT/80CRI.
Optional2700K,3000Kand3500K.RemovablemodularLED
platform.
LIFE
50,000hrsL
85B50(basedonIESNATM-21TestMethodandLM-80data).
FINISH
Five-stagepreparationprocessincludingpreheatingofcastaluminumpartsforair
extraction,andanenvironmentallyfriendlyalloysealant.Polyesterpowdercoating
isappliedthroughanelectrostaticprocessandovencuredforlongtermfinish.
MOUNTING
LumiSTIKcolumnisdesignedforeaseofaccessandinstallation.
Thecastaluminumbaseplateissecuredwithasetof(4)3/4”-10x18”LG
galvanizedanchorbolts.Accessibilityisdonethroughaflushmount2”X4”
(100X178)handholecoverplate.
CERTIFICATION
TestedtoUL1598andCSA22.2#250.ETLlistedwetlocation.
Photometrictestingperformedbyanindependentlaboratoryinaccordance
withIESLM-79-08standardsat25ºC.Lumendepreciationinaccordancewith
IESNALM80standards.CEcertificationonrequest.
RatedIP65
CL621 SERIES
LumiSTIK - LED
6” COLUMN
CL621-24”(610)
LumiStick
1
5
4
3
2
6
OAH
Min:96”
Max:192”


Similar Part No. - CL621

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
CL620 LUMINIS-CL620 Datasheet
280Kb / 3P
LED array
logo
Pro-Signal
CL62003X PROSIGNAL-CL62003X Datasheet
29Kb / 1P
IEEE1394 Firewire DV Leads
logo
Lumins Inc.
CL622 LUMINIS-CL622 Datasheet
170Kb / 3P
LED array
CL623 LUMINIS-CL623 Datasheet
196Kb / 2P
Heavy cast aluminum top cover with integral LED heat dissipating pad
CL624 LUMINIS-CL624 Datasheet
209Kb / 2P
Heavy cast aluminum top cover with embedded heat sink
More results

Similar Description - CL621

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
FOR OPTICAL INFORMATION SYSTEM
ML1XX14 MITSUBISHI-ML1XX14 Datasheet
68Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
ML1XX3 MITSUBISHI-ML1XX3 Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
logo
Samsung semiconductor
S5L9276 SAMSUNG-S5L9276 Datasheet
182Kb / 50P
OPTICAL CD MP3 SYSTEM
logo
Molex Electronics Ltd.
106073-0020 MOLEX-106073-0020 Datasheet
350Kb / 2P
SnapMate??Optical Interconnect System
logo
Fuji Electric
EDS25-1A FUJI-EDS25-1A Datasheet
732Kb / 34P
Optical Fieldbus System System Composition Devices
logo
Assmann Electronics Inc...
A-FB-00BLMA-LL2-R ASSMANN-A-FB-00BLMA-LL2-R Datasheet
255Kb / 2P
WATERPROOF FIBER OPTICAL CABLE ASSEMBLY
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
Definition of optical measurement system
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com