Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS512K32 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS512K32
Description  512K X 32 SRAM MODULE SMD 5962-94611
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS512K32 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS512K32 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS512K32 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
WS512K32-XXX
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
PIN DESCRIPTION
FIG.2 PIN CONFIGURATION FOR WS512K32-XG4TX1
TOP VIEW
BLOCK DIAGRAM
I/O0-31 Data Inputs/Outputs
A0-18
Address Inputs
WE
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FIG.3 PIN CONFIGURATION FOR WS512K32-XG2TX1, WS512K32-XG1TX
AND WS512K32-XG1UX
TOP VIEW
The White 68 lead CQFP fills
the same fit and function as the
JEDEC 68 lead CQFJ or 68
PLCC. But the CQFJ has the
TCE and lead inspection
advantage of the CQFP form.
PIN DESCRIPTION
BLOCK DIAGRAM
I/O0-31 Data Inputs/Outputs
A0-18
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
Note 1: Package Not Recommended For New Design
Note 1: Package Not Recommended For New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com