Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4643 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X4643
Description  CPU Supervisor with 64K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4643 Datasheet(HTML) 2 Page - Xicor Inc.

  X4643 Datasheet HTML 1Page - Xicor Inc. X4643 Datasheet HTML 2Page - Xicor Inc. X4643 Datasheet HTML 3Page - Xicor Inc. X4643 Datasheet HTML 4Page - Xicor Inc. X4643 Datasheet HTML 5Page - Xicor Inc. X4643 Datasheet HTML 6Page - Xicor Inc. X4643 Datasheet HTML 7Page - Xicor Inc. X4643 Datasheet HTML 8Page - Xicor Inc. X4643 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
2 of 22
REV 1.26 4/30/02
www.xicor.com
standard VTRIP thresholds are available, however,
Xicor’s unique circuits allow the threshold to be
reprogrammed to meet custom requirements or to fine-
tune the threshold for applications requiring higher
precision.
PIN CONFIGURATION
S1
VSS
VCC
SDA
SCL
3
2
4
1
6
7
5
8
S0
WP
RESET/RESET
VCC
S1
SCL
RESET/RESET
VSS
3
2
4
1
6
7
5
8
WP
SDA
S0
8-Pin JEDEC SOIC
8 Pin TSSOP
PIN FUNCTION
Pin
(SOIC)
Pin
(TSSOP)
Name
Function
13
S0
Device Select Input
24
S1
Device Select Input
35
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open drain output which
goes active whenever VCC falls below the minimum VCC sense level. It will remain
active until VCC rises above the minimum VCC sense level for 250ms. RESET/
RESET goes active if the Watchdog Timer is enabled and SDA remains either
HIGH or LOW longer than the selectable Watchdog time out period. A falling edge
on SDA, while SCL is HIGH, resets the Watchdog Timer. RESET/RESET goes
active on power up and remains active for 250ms after the power supply stabilizes.
46
VSS
Ground
5
7
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the de-
vice. It has an open drain output and may be wire ORed with other open drain or
open collector outputs. This pin requires a pull up resistor and the input buffer is
always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is HIGH) restarts
the Watchdog timer. The absence of a HIGH to LOW transition within the watchdog
time out period results in RESET/RESET going active.
6
8
SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
71
WP
Write Protect. WP HIGH used in conjunction with WPEN bit prevents writes to the
control register.
82
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com