Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75R03D Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 9Page - Exar Corporation XRT75R03D Datasheet HTML 10Page - Exar Corporation XRT75R03D Datasheet HTML 11Page - Exar Corporation XRT75R03D Datasheet HTML 12Page - Exar Corporation XRT75R03D Datasheet HTML 13Page - Exar Corporation XRT75R03D Datasheet HTML 14Page - Exar Corporation XRT75R03D Datasheet HTML 15Page - Exar Corporation XRT75R03D Datasheet HTML 16Page - Exar Corporation XRT75R03D Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.2
8
TRANSMIT LINE SIDE PINS
PIN #SIGNAL NAME
TYPE
DESCRIPTION
30
11
21
TTIP_0
TTIP_1
TTIP_2
O
Transmit TTIP Output - Positive Polarity Signal - Channel 0:
Transmit TTIP Output - Positive Polarity Signal - Channel 1:
Transmit TTIP Output - Positive Polarity Signal - Channel 2:
These output pins along with the corresponding TRING_n output pins, function
as the Transmit DS3/E3/STS-1 Line output signal drivers for a given channel, of
the XRT75R03D.
Connect this signal and the corresponding TRING_n output signal to a 1:1
transformer.
Whenever the Transmit Section of the Channel generates and transmits a posi-
tive-polarity pulse onto the line, this output pin will be pulsed to a "higher-volt-
age" than its corresponding TRING_n output pins.
Conversely, whenever the Transmit Section of the Channel generates and trans-
mit a negative-polarity pulse onto the line, this output pin will be pulsed to a
"lower-voltage" than its corresponding TRING_n output pin.
NOTE: This output pin will be tri-stated whenever the corresponding TxON_n
input pin or bit-field is set to "0".
28
13
19
TRing_0
TRing_1
TRing_2
O
Transmit Ring Output - Negative Polarity Signal - Channel 0:
Transmit Ring Output - Negative Polarity Signal - Channel 1:
Transmit Ring Output - Negative Polarity Signal - Channel 2:
These output pins along with the corresponding TTIP_n output pins, function as
the Transmit DS3/E3/STS-1 Line output signal drivers for a given channel,
within the XRT75R03D.
Connect this signal and the corresponding TTIP_n output signal to a 1:1 trans-
former.
Whenever the Transmit Section of the Channel generates and transmits a posi-
tive-polarity pulse onto the line. This output pin will be pulsed to a "lower-volt-
age" than its corresponding TTIP_n output pins.
Conversely, whenever the Transmit Section of the Channel generates and trans-
mit a negative-polarity pulse onto the line. This output pin will be pulsed to a
"higher-voltage" than its corresponding TTIP_n output pin.
NOTE: This output pin will be tri-stated whenever the corresponding TxON_n
input pin or bit-field is set to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com