Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RClamp0502BATCT Datasheet(PDF) 4 Page - Semtech Corporation

Part # RClamp0502BATCT
Description  Low Capacitance RailClamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RClamp0502BATCT Datasheet(HTML) 4 Page - Semtech Corporation

  RClamp0502BATCT Datasheet HTML 1Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 2Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 3Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 4Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 5Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 6Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 7Page - Semtech Corporation RClamp0502BATCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RClamp0502BA
Final Datasheet
Rev 4.0
Revision Date
6/6/2017
www.semtech.com
4 of 8
Semtech
Typical Characteristics (Continued)
Capacitance vs. Reverse voltage
(Pin 1 or Pin 2 to Pin 3)
Typical Insertion Loss
(Pin 1 to Pin 2)
Typical Insertion Loss
(Pin 1 or Pin 2 to Pin 3)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1
2
3
4
5
6
Reversed Voltage -VR (V)
f = 1 MHz
-15
-12
-9
-6
-3
0
1.E+07
1.E+08
1.E+09
Frequency (Hz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
Reversed Voltage -VR (V)
f = 1 MHz
-9
-6
-3
0
1.E+07
1.E+08
1.E+09
Frequency (Hz)
Capacitance vs. Reverse voltage
(Pin 1 to Pin 2)
Analog Crosstalk
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+07
1.E+08
1.E+09
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com