Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE738D Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE738D
Description  2A, 24V Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE738D Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE738D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ACE738D
2A, 24V Synchronous Step-Down Converter
VER 1.1
4
Electrical Characteristics
(VIN=12V, TA=25℃,unless otherwise stated.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIN Under Voltage Lockout
Threshold
VIN_MIN
VIN falling
3.8
V
VIN Under Voltage Lockout
Hysteresis
VIN_MIN_HYST
VIN rising
300
mV
Shutdown Supply Current
ISD
VEN=0V
1
μA
Supply Current
IQ
VEN=5V, VFB=2V
50
μA
Feedback Voltage
VFB
0.895
0.923 0.951
V
Top Switch Resistance
RDS(ON)T
170
mΩ
Bottom Switch Resistance
RDS(ON)B
110
mΩ
Top Switch Leakage Current
ILEAK_TOP
VIN=24V, VEN=0V, VSW=0V
0.5
uA
Bottom Switch Leakage Current
ILEAK_BOT
VIN=24V, VEN=0V, VSW=0V
0.5
uA
Top Switch Current Limit
ILIM_TOP
Minimum Duty Cycle
3.5
A
Switch Frequency
FSW
500
kHz
Minimum On Time
TON_MIN
100
ns
Minimum Off Time
TOFF_MIN
VFB=0.85V
100
ns
EN shut down threshold voltage
VEN_TH
VEN falling, FB=0V
1.2
V
EN shut down hysteresis
VEN_HYST
VEN rising, FB=0V
100
mV
Thermal Shutdown
TTSD
145
℃
Temperature Hysteresis
THYS
19
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com