Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2422A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2422A
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2422A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2422A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE2422A
N-Channel Enhancement Mode MOSFET
VER 1.2
1
Description
The ACE2422A is the N-Channel logic enhancement mode power field effect transistors are
produced using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone and notebook
computer power management and other battery powered circuits, and low in-line power loss are needed
in a very small outline surface mount package.
Features
60V/3.0A,RDS(ON)= 106
mΩ@V
GS=10V
60V/2.5A,RDS(ON)= 118
mΩ@V
GS=4.5V
Super high density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current capability
SOT-23-3 package design
Applications
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
Absolute Maximum Ratings (TA=25℃ Unless otherwise noted)
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current(TJ=150℃)
TA=25℃
ID
3.0
A
TA=70℃
2.2
Pulse Drain Current
IDM
10
A
Continuous Source Current (Diode Conduction)
IS
2.0
A
Power Dissipation
TA=25℃
PD
2.0
W
TA=70℃
1.3
Operating Temperature / Storage Temperature
TJ/TSTG
-55/150
OC
Thermal Resistance-Junction to Ambient
RθJA
140
℃/W


Similar Part No. - ACE2422A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2420B ACE-ACE2420B Datasheet
1Mb / 6P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE2422A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com