Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5018T Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5018T
Description  Ultra Low Current Consumption 300mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5018T Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5018T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5018T Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ACE5018T
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
2
Absolute Maximum Ratings
(1)
Unless otherwise specified, TA=25°C
Parameter
Symbol
Max
Unit
Input Voltage
(2)
VIN
-0.3~9
V
Output Voltage
(2)
VOUT
-0.3~VIN+0.3
V
Output Current
IOUT
600
mA
Power Dissipation
SOT-23-3
Pd
0.4
W
SOT-23-5
0.4
SOT-89-3
0.6
DFN1*1-4
0.4
Operating Temperature
Topr
- 40~125
OC
Storage Temperature
Tstg
- 40~125
OC
Soldering Temperature & Time
Tsolder
260
OC,10s
Note:
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated
conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
Recommended Operating Conditions
Parameter
MIN.
MAX.
Units
Supply voltage at V
IN
1.8
8
V
Operating junction temperature range, Tj
-40
125
°C
Operating free air temperature range, TA
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com