Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5019A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5019A
Description  18V Low Current Consumption 350mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5019A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5019A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5019A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ACE5019A
18V Low Current Consumption 350mA CMOS Voltage Regulator
VER 1.1
1
Description
The ACE5019A series are a group of positive voltage regulators manufactured by CMOS technologies
with low power consumption and low dropout voltage, which provide large output currents even when the
difference of the input-output voltage is small. The ACE5019A series can deliver 300mA output current
and allow an input voltage as high as 18V. The series are very suitable for the battery-powered
equipments, such as RF applications and other systems requiring a quiet voltage source.
Features
Low Quiescent Current:
2μA
Operating Voltage Range: 2.5V~18V
Output Current: 350mA
Low Dropout Voltage:160mV@100mA(V
OUT=3.3V)
Output Voltage: 1.2~ 5.0V
High Accuracy: ±2%/±1%(Typ.)
High Power Supply Rejection Ratio: 65dB@1kHz
Low Output Noise:
27xV
OUT μVRMS (10Hz~100kHz)
Excellent Line and Load Transient Response
Built-in Current Limiter, Short-Circuit Protection
Application
Cordless Phones
Radio control systems
Laptop, Palmtops and PDAs
Single-lens reflex DSC
PC peripherals with memory
Wireless Communication Equipments
Portable Audio VideoEquipments
Car Navigation Systems
LAN Cards
Ultra Low Power Microcontroller


Similar Part No. - ACE5019A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50112AM+ ACE-ACE50112AM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50112AM+H ACE-ACE50112AM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50112BM+ ACE-ACE50112BM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
More results

Similar Description - ACE5019A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1313 SII-S1313 Datasheet
3Mb / 56P
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Leshan Radio Company
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
18V Low Current Consumption 300mA CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
Low current consumption 300mA CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com