Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE14409T Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE14409T
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14409T Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE14409T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14409T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14409T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14409T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14409T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14409T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE14409T Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE14409T
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE14409T uses advanced trench technology to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
Features
V
DS(V)=-30V
I
D=-12A
R
DS(ON)<12mΩ (VGS=-10V)
R
DS(ON)<18mΩ (VGS=-4.5V)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Drain Current (Continuous) * AC
TA=25
OC
ID
-12
A
TA=100
OC
-7.5
Drain Current (Pulse) * B
IDM
-48
Power Dissipation
TA=25
OC
PD
3
W
TA=100
OC
1.8
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
OC
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Packaging Type
SOP-8


Similar Part No. - ACE14409T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14419T ACE-ACE14419T Datasheet
697Kb / 7P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14419TFM+H ACE-ACE14419TFM+H Datasheet
697Kb / 7P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14435B ACE-ACE14435B Datasheet
184Kb / 2P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE14409T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com