Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE17440M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE17440M
Description  N-Channel 40-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE17440M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE17440M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE17440M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE17440M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE17440M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE17440M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE17440M Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE17440M
N-Channel 40-V (D-S) MOSFET
VER 1.1
1
Features
Low rDS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA=25
OC
ID
15
A
TA=70
OC
12
Pulse Drain Current
b
IDM
50
Continuous Drain Current (Diode Continuous)
a
IS
6.4
A
Power Dissipation
a
TA=25
OC
PD
5
W
TA=70
OC
3.2
Operating Junction and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t≦10sec
RθJA
25
℃/W
Steady State
65
℃/W
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Packaging Type
Ordering information
DFN5*6-8L
ACE17440M XX + H
PRODUCT SUMMARY
VDS (V)
rDS
(on) (mΩ)
ID(A)
40
15 @VGS = 10V
15
18 @VGS = 4.5V
14
PN: DFN5*6-8L
Pb - free
Halogen - free


Similar Part No. - ACE17440M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE17446B ACE-ACE17446B Datasheet
1Mb / 7P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE17440M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
N-Channel 40-V (D-S) MOSFET
18-Aug-03
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
N-Channel 40-V (D-S) MOSFET
01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
N-Channel 40-V (D-S) MOSFET
02-Mar-09
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
N-Channel 40-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM3940NE ANALOGPOWER-AM3940NE Datasheet
183Kb / 3P
N-Channel 40-V (D-S) MOSFET
AM70N04-06D ANALOGPOWER-AM70N04-06D Datasheet
352Kb / 5P
N-Channel 40-V (D-S) MOSFET
AM90N04-03P ANALOGPOWER-AM90N04-03P Datasheet
335Kb / 5P
N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7884BDP-T1-E3 VISHAY-SI7884BDP-T1-E3 Datasheet
164Kb / 9P
N-Channel 40-V (D-S) MOSFET
08-Sep-08
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
239Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com