Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE16904B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE16904B
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE16904B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE16904B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE16904B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE16904B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE16904B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE16904B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE16904B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE16904B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE16904B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
2
Packaging Type
DFN5*6-8L-EP
Ordering information
ACE16904B XX + H
Drain-Source Diode Characteristics
Parameter
Symbol
Test Conditions
Max
Unit
Continuous Source Current
IS
VG=VD=0V , Force Current
55
A
Pulsed Source Current3
ISM
220
A
Diode Forward Voltage3
VSD
VGS=0V , IS=1A , TJ=25°C
1
V
PN: DFN5*6-8L-EP
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com