Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M610162FST Datasheet(PDF) 2 Page - MTRONPTI

Part # M610162FST
Description  IEEE 1588 & Synchronous Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M610162FST Datasheet(HTML) 2 Page - MTRONPTI

  M610162FST Datasheet HTML 1Page - MTRONPTI M610162FST Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
MtronPTI - 2525 Shader Road - Orlando - Florida - 32804 - USA - 1-407-298-2000 - www.mtronpti.com
MtronPTI reserves the right to make changes to the product(s) and services(s) described herein without notice.
No liability is assumed as a result of their use or application.
M610x-SYNCE Series TCXO
IEEE 1588 & Synchronous Ethernet
Wander Generation Plots: Loop BW 0.1Hz
MTIE Performance
TDEV Performance
Figure A
10 Pad Leadless Ceramic Package:
4/5 Pad Leadless Ceramic Package:
Marking and Pin Assignments
Recommended Reflow Profile:
Marking:
Line 1: M610xyw
Line 2: Frequency
Pin Assignments:
M610x 10 Pad
M610x 4/5 Pad
Pin/Pad 1: Vref or N/C
Pin/Pad 1: Vcontrol
Pin/Pad 2: N/C
Pin/Pad A: N/C
Pin/Pad 3: N/C
Pin/Pad B: N/C
Pin/Pad 4: Ground
Pin/Pad 2: Ground
Pin/Pad 5: Output
Pin/Pad C: N/C
Pin/Pad 6: N/C
Pin/Pad 3: Output
Pin/Pad 7: N/C
Pin/Pad 4: Tristate or N/C
Pin/Pad 8: Tristate
Pin/Pad 5: Supply
Pin/Pad 9: Supply
Pin/Pad D: N/C
Pin/Pad 10: Vcontrol



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com