Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90805S Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MLX90805S
Description  Intelligent Triac Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90805S Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MLX90805S Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90805S Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MLX90805
Intelligent Triac Controller
MLX90805 Intelligent Triac Controller
Page 12
Rev 1.2
17/May/00
“A” Package Dimensions
9.02
10.16
Min
Max
18.67
19.68
18.67
19.68
22.35
23.67
24.89
26.92
31.24
32.51
0.20
0.38
2.54
BSC
1.1
5
1.7
7
0.35
0.55
0.39
Min
Dimension
8 Leads
16 Leads
18 Leads
20 Leads
14 Leads
24 Leads
A
6.10
7.11
5.33
MAX
2.93
4.06
7.62
BSC
10.92
Max
A
Notes:
1-All measurements in mm
2-Body dimensions do not include mold
flash or
protrusion - not to exceed
0.15mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com