Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB220L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SB220L
Description  2 Amp Schottky Rectifier 20V-100V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB220L Datasheet(HTML) 2 Page - Micro Commercial Components

  SB220L Datasheet HTML 1Page - Micro Commercial Components SB220L Datasheet HTML 2Page - Micro Commercial Components SB220L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2017/11/25
www.mccsemi.com
2 of 3
Tj=25℃
Tj=100℃
0.001
0.01
0
100
0.1
1.0
10
100
S
B280L-SB2010L
S
B220L-SB260L
FIG.4: Typical Reverse Characteristics
20
40
60
80
Percent of Rated Peak Reverse Voltage (%)
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.2
0.1
0.2
0.4
1.0
2.0
4.0
10
20
0.3
0.8
0.9
0.4
0.5
0.6
0.7
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
0
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375''(9.5mm)
Lead Length
0
0.8
1.2
1.6
2.0
0.4
50
1100
00
Ambient Temperature (℃)
FIG.1: Io-Ta Curve
Number of Cycles
FIG.2: Surge Forward Currrent Capability
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6
8 10
20
40
60 80 100
7
14
21
28
35
0
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com