Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL26FL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SL26FL
Description  2.0 Amp Low VF Schottky Rectifiers 40 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL26FL Datasheet(HTML) 1 Page - Micro Commercial Components

  SL26FL Datasheet HTML 1Page - Micro Commercial Components SL26FL Datasheet HTML 2Page - Micro Commercial Components SL26FL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
L24FL
Thru
2.0 Amp Low VF
Schottky
Rectifiers
40 to 100 Volts
Features
Maximum Ratings
MCC Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TL = 120
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
0.
72V
IFM =
2.0A;
TA = 25
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
2017/04/28
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
40V
28V
40V
SL24FL
S
L24
SL210
S
L26
DO-221AC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.035
.047
0.90
1.20
b
.049
.065
1.25
1.65
C
.004
.016
0.10
0.40
D
.089
.116
2.25
2.95
E
.173
.220
4.40
5.60
E1
.126
.181
3.20
4.60
L
.028
.059
0.70
1.50
SUGGESTED SOLDER
PAD LAYOUT
S
L26FL
60V
42V
60V
S
L210FL
100V
70V
100V
0.
47V
0.
53V
Maximum
Instantaneous
Forward Voltage
VF
0.
5mA TA = 25
IR
(SMA-FL)
•
Halogen free available upon request by adding suffix "-HF"
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
Micro Commercial Components
M C C
R
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
Typical Thermal Resistance: 18 /W Junction To Lead
SL24FL
SL26FL
SL210FL
S
L210FL
0.
1mA
SL24FL
SL26FL~SL210FL


Similar Part No. - SL26FL

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL26F CHENDA-SL26F Datasheet
224Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SL26F YANGJIE-SL26F Datasheet
171Kb / 2P
Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL26F BILIN-SL26F Datasheet
385Kb / 4P
Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
SL26F CHENDA-SL26F Datasheet
881Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
logo
RFE international
SL26F RFE-SL26F Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
11-07-2022
More results

Similar Description - SL26FL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL14PL MCC-SL14PL_16 Datasheet
296Kb / 3P
1 Amp Low VF Schottky Rectifier 40 to 100 Volts
SL24A MCC-SL24A Datasheet
395Kb / 3P
2 Amp Low VF Schottky Rectifier 40~100 Volts
SL24PL MCC-SL24PL_16 Datasheet
360Kb / 3P
2 Amp Low VF Schottky Rectifier 40 to 100 Volts
SL24UPL MCC-SL24UPL Datasheet
432Kb / 3P
2 Amp Low VF Schottky Rectifiers 40 Volts
SL34AFL MCC-SL34AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34B MCC-SL34B Datasheet
423Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL34PL MCC-SL34PL Datasheet
325Kb / 3P
3 Amp Low VF Schottky Rectifier 40 to 100 Volts
SL36AFL MCC-SL36AFL Datasheet
491Kb / 3P
3 Amp Low VF Schottky Rectifier 40~100 Volts
SL54 MCC-SL54_16 Datasheet
451Kb / 3P
5 Amp Low VF Schottky Rectifier 40~100 Volts
SL54AFL MCC-SL54AFL Datasheet
503Kb / 3P
5.0 Amp Low VF Schottky Rectifiers 40 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com