Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58341N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58341N
Description  High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58341N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58341N Datasheet HTML 1Page - National Semiconductor (TI) MM58341N Datasheet HTML 2Page - National Semiconductor (TI) MM58341N Datasheet HTML 3Page - National Semiconductor (TI) MM58341N Datasheet HTML 4Page - National Semiconductor (TI) MM58341N Datasheet HTML 5Page - National Semiconductor (TI) MM58341N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Input Pin
VDD a 03V to VSS b 03V
Voltage at Any Display Pin
VDD to VDD b 365V
VDD a
lVDISl
365V
Storage Temperature
b
65 Cto a150 C
Power Dissipation at 25 C
Molded DIP Package Board Mount
228W
Molded DIP Package Socket Mount
205W
Molded DIP Package Board Mount
iJA e 46 CW
Derate 217 mW C Above 25 C
Molded DIP Package Socket Mount
iJA e 51 CW
Derate 196 mW C Above 25 C
Junction Temperature
130 C
Lead Temperature (Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VDD)
VSS e 0V
45
55
V
Display Voltage (VDIS)
b
30
b
10
V
Temperature Range
b
40
a
85
C
DC Electrical Characteristics
TA eb40 Cto a85 C VDD e 5V g05V VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Currents
VIN e VSS or VDD VSS e 0V
150
m
A
VDIS Disconnected
IDIS
VDD e 55V VSS e 0V
10
mA
VDIS eb30V All Outputs Low
VIL
Input Logic Levels DATA IN
08
V
CLOCK ENABLE BLANK Logic ‘0’
VIH
Input Logic Levels DATA IN
(Note 1)
24
V
CLOCK ENABLE BLANK Logic ‘1’
VOH
Data Output Logic Levels
IOUT e 400 mA
04
V
Logic ‘0’
VOH
Data Output Logic Levels
IOUT eb10 mA
VDD b 05
V
Logic ‘1’
VOH
Data Output Logic Levels
IOUT eb500 mA
28
V
Logic ‘1’
IIN
Input Currents DATA IN
VIN e 0V or VDD
b
10
10
m
A
CLOCK ENABLE BLANK
CIN
Input Capacitance DATA IN
15
pF
CLOCK ENABLE BLANK
ROFF
Display Output Impedances
VDD e 55V VSS e 0V
Output Off
(Figure 3a)
VDIS eb10V
55
250
kX
VDIS eb20V
60
300
kX
VDIS eb30V
65
400
kX
RON
Display Output Impedances
Output On
(Figure 3b)
VDIS eb10V
700
800
X
VDIS eb20V
600
750
X
VDIS eb30V
500
680
X
VDOL
Display Output Low Voltage
VDD e 55V IOUT e Open Circuit
VDIS
VDIS a 2V
b
30V s VDIS s b10V
Note 1
74LSTTL VOH e 27V
IOUT eb400 mA TTL VOH e 24V
IOUT eb400 mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com