Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL310B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SL310B
Description  3 Amp Low VF Schottky Rectifier 40~100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL310B Datasheet(HTML) 2 Page - Micro Commercial Components

  SL310B Datasheet HTML 1Page - Micro Commercial Components SL310B Datasheet HTML 2Page - Micro Commercial Components SL310B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
2 of
3
R evision:A
2017/03/17
Characteristics(Typical)
Micro Commercial Components
M C C
R
0.01
1
0
2
5
10
20
50
100
FIG2:Surge Forward Current Capability
Number of Cycles
15
30
45
60
75
8.3ms Single  Half Sine
Wine
50
FIG1:Io‐TL Curve
60Hz Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
Lead Temperature(℃)
0
70
90
110
130
150
0.5
1.0
1.5
2.0
2.5
3.0
3.5
FIG3:Forward Voltage
Instantaneous Forward Voltage(V)
0.3
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.1
1.0
10
100
4
0.
0.5
6
0.
0.7
0.8
0.2
0.1
3.0
SL34B
SL36B
SL310B
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
0
20
40
60
80
100
0.001
Tj=25℃
100
10
1.0
0.1
0.01
Tj=100℃
SL34B-SL36B
SL310B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com