Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5MP645YFPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TS5MP645YFPR
Description  4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TS5MP645YFPR Datasheet HTML 18Page - Texas Instruments TS5MP645YFPR Datasheet HTML 19Page - Texas Instruments TS5MP645YFPR Datasheet HTML 20Page - Texas Instruments TS5MP645YFPR Datasheet HTML 21Page - Texas Instruments TS5MP645YFPR Datasheet HTML 22Page - Texas Instruments TS5MP645YFPR Datasheet HTML 23Page - Texas Instruments TS5MP645YFPR Datasheet HTML 24Page - Texas Instruments TS5MP645YFPR Datasheet HTML 25Page - Texas Instruments TS5MP645YFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
GND
DA4
N
DA4
P
DB4
N
DB4
P
DA3
N
DA3
P
NC
NC
DB3
N
DB3
P
DB2
N
DB2
P
DA2
N
DA2
P
DB1
N
DB1
P
DA1
N
DA1
P
CLK
AN
CLK
AP
CLK
BN
CLK
BP
D2N
D2P
/OE
SEL
D1N
D1P
D4N
D4P
D3N
D3P
CLK
N
CLK
P
C
VDD
C
VIA to
ground plane
VIA to
power plane
To MIPI
Modules
To MIPI Port
To Control
Logic
22
TS5MP645
SCDS385 – JANUARY 2018
www.ti.com
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Place the supply de-coupling capacitors as close to the VDD and GND pin as possible. The spacing between the
power traces, supply and ground, and the signal I/O lines, clock and data, should be a minimum of three times
the race width of the signal I/O lines to maintain signal integrity.
The characteristic impedance of the trace(s) must match that of the receiver and transmitter to maintain signal
integrity. Route the high-speed traces using a minimum amount of vias and corners. This will reduce the amount
of impedance changes.
When it becomes necessary to make the traces turn 90°, use two 45° turns or an arc instead of making a single
90° turn.
Do not route high-speed traces near crystals, oscillators, external clock signals, switching regulators, mounting
holes or magnetic devices.
Avoid stubs on the signal lines.
All I/O signal traces should be routed over a continuous ground plane with no interruptions. The minimum width
from the edge of the trace to any break in the ground plane must be 3 times the trace width. When routing on
PCB inner signal layers, the high speed traces should be between two ground planes and maintain characteristic
impedance.
High speed signal traces must be length matched as much as possible to minimize skew between data and clock
lines.
11.2 Layout Example
Figure 26. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com