Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5MP646YFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS5MP646YFPR
Description  Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP646YFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5MP646YFPR Datasheet HTML 3Page - Texas Instruments TS5MP646YFPR Datasheet HTML 4Page - Texas Instruments TS5MP646YFPR Datasheet HTML 5Page - Texas Instruments TS5MP646YFPR Datasheet HTML 6Page - Texas Instruments TS5MP646YFPR Datasheet HTML 7Page - Texas Instruments TS5MP646YFPR Datasheet HTML 8Page - Texas Instruments TS5MP646YFPR Datasheet HTML 9Page - Texas Instruments TS5MP646YFPR Datasheet HTML 10Page - Texas Instruments TS5MP646YFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
TS5MP646
www.ti.com
SCDS371 – JANUARY 2018
Product Folder Links: TS5MP646
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OISO
Differential off isolation
VDD = 1.65 V
OE = 0 V, VDD
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn: RS = 50 Ω,
RL = 50 Ω, CL = 1 pF
VI/O = 200 mV + 200 mVPP (differential)
f = 1250 MHz
-20
dB
XTALK
Differential channel to channel crosstalk
VDD = 1.65 V to 5.5 V
OE = 0 V, VDD
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn: RS = 50 Ω,
RL = 50 Ω, CL = 1 pF
VI/O = 200 mV + 200 mVPP (differential)
f = 1250 MHz
-40
dB
BW
Differential Bandwidth
VDD = 1.65 V to 5.5 V
OE = 0 V
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn: RS = 50 Ω,
RL = 50 Ω, CL = 1 pF
VI/O = 200 mV + 200 mVPP (differential)
3
GHz
ILOSS
Insertion Loss
VDD = 1.65 V to 5.5 V
OE = 0 V
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn: RS = 50 Ω,
RL = 50 Ω, CL = 1 pF
VI/O = 200 mV + 200 mVPP (differential)
f = 100 kHz
-0.65
dB
COFF
Off capacitance
VDD = 1.65 V to 5.5 V
OE = 0 V, VDD
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn = 0 V , 0.2 V
f = 1250 MHz
1.5
pF
CON
On capacitance
VDD = 1.65 V to 5.5 V
OE = VDD
SEL = 0 V, VDD
Dn, CLKn, DAn, DBn, CLKAn, CLKBn = 0 V , 0.2 V
f = 1250 MHz
1.5
pF
DIGITAL CHARACTERISTICS
VIH
Input logic high (SEL, OE)
VI/O = 0.6 V, RL = 50 Ω, CL = 5 pF
1.425
5.5
V
VIL
Input logic low (SEL, OE)
VI/O = 0.6 V, RL = 50 Ω, CL = 5 pF
0
0.5
V
IIH
Input high leakage current (SEL, OE)
VI/O = 0.6 V, RL = 50 Ω, CL = 5 pF
-5
5
µA
IIL
Input low leakage current (SEL, OE)
VI/O = 0.6 V, RL = 50 Ω, CL = 5 pF
-5
5
µA
RPD
Internal pull-down resistance on digital
input pins
VI/O = 0.6 V, RL = 50 Ω, CL = 5 pF
6
MΩ
CI
Digital Input capacitance (SEL, OE)
f = 1 MHz
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com