Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8840AS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP8840AS
Description  8 CHANNEL VOLTAGE OUTPUT 2 MHZ 4 QUADRANT MULTIPLYING 8 BIT DAC WITH SERIAL DIGITAL DATA PORT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8840AS Datasheet(HTML) 4 Page - Exar Corporation

  MP8840AS Datasheet HTML 1Page - Exar Corporation MP8840AS Datasheet HTML 2Page - Exar Corporation MP8840AS Datasheet HTML 3Page - Exar Corporation MP8840AS Datasheet HTML 4Page - Exar Corporation MP8840AS Datasheet HTML 5Page - Exar Corporation MP8840AS Datasheet HTML 6Page - Exar Corporation MP8840AS Datasheet HTML 7Page - Exar Corporation MP8840AS Datasheet HTML 8Page - Exar Corporation MP8840AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
03

#0;  
(/(&75,&$/ &+$5$&7(5,67,&6 7$%/( )25 '8$/ 6833/,(6
8QOHVV 2WKHUZLVH 1RWHG 9'' 9 966  9 *1'  9 9,1;  9

G&
7PLQ WR 7PD[
3DUDPHWHU
6\PERO
0LQ
7\S
0D[
0LQ
0D[
8QLWV
7HVW &RQGLWLRQV&RPPHQWV
'& &+$5$&7(5,67,&6
5HVROXWLRQ $OO *UDGHV
1


%LWV
'LIIHUHQWLDO 1RQ/LQHDULW\
'1/


/6%
,QWHJUDO 1RQ/LQHDULW\
,1/

/6%
0RQRWRQLFLW\
*XDUDQWHHG
'$& 287387
2XWSXW 2IIVHW
9%=(

P9
35  6HWV &RGH +
9ROWDJH 5DQJH
295




9
2XWSXW &XUUHQW
,287

P$
o9287  /6%
&DSDFLWLYH /RDG
&/


S)
1R RVFLOODWLRQV
5()(5(1&( ,13876
,QSXW 5HVLVWDQFH RI RQH '$&
5,1

.:
5,1 W\S .:5[
5[ .: &RGH
,QSXW &DSDFLWDQFH
&,1


S)
9ROWDJH 5DQJH
,95




9
'<1$0,&
&+$5$&7(5,67,&6
,QSXW WR 2XWSXW %DQGZLGWK
%:


0+]
&RGH )6 9,1;  P9 SS
6OHZ 5DWH
65


9PV
0HDVXUHG  WR 
o9287; 9
9,1 )HHGWKURXJK
)'7

G%
&RGH +6 XS WR I  N+]
7RWDO +DUPRQLF 'LVWRUWLRQ
7+'


9,1;  9 SS &RGH )6
I  N+] I/3  N+]
6SRW 1RLVH 9ROWDJH
H1

P9?+] I  N+]
2XWSXW 6HWWOLQJ 7LPH
W6


PV /6% &RGH  WR )6
&KDQQHOWR&KDQQHO &URVVWDON
&7

G%
0HDVXUHG EHWZHHQ DGMDFHQW
FKDQQHOV I  N+]
'LJLWDO )HHGWKURXJK
4

Q9V
9,1;  9 &RGH  WR )6
',*,7$/ ,13876
/RJLF +LJK
9,+


9
/RJLF /RZ
9,/


9
,QSXW &XUUHQW
,/

P$
,QSXW &DSDFLWDQFH
&/

S)
',*,7$/ 2873876
/RJLF +LJK
92+


,2+  P$
/RJLF /RZ
92/


,2/  P$
32:(5 6833/,(6
3RZHU 6XSSO\ 5DQJH
9''




9
966




9
3RZHU 6XSSO\ 5HMHFWLRQ 5DWLR
3RVLWLYH
3655



35 9 o9'' 
1HJDWLYH
3655



35 9 o966 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com