Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL9KV Datasheet(PDF) 1 Page - Anshan Leadsun Electronics Co., Ltd

Part # 2CL9KV
Description  High Voltage Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSUN [Anshan Leadsun Electronics Co., Ltd]
Direct Link  http://www.hv-semi.com/en/
Logo LEADSUN - Anshan Leadsun Electronics Co., Ltd

2CL9KV Datasheet(HTML) 1 Page - Anshan Leadsun Electronics Co., Ltd

  2CL9KV Datasheet HTML 1Page - Anshan Leadsun Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Leadsun Electronics
High Voltage Diode
Revised: 18-01-19 this document is subject to change without prior notice.
Sales and service: leadsun@hv-semi.com
sureshang@hotmail.com
Sales hotline: 86-412-2666636
1
2CL9KV/350mA
2CL9KV/350mA High Voltage Diode
FEATURES
Low leakage,high surge capability
High voltage,fast recovery rectifier
Tj:-40℃~+150℃
Polyimide passivation technology
Epoxy resin molding,compact encapsulation
ROHS compliant
DEVICE ELECTRICAL CHARACTERISTICS
(25℃ ambient temperature unless stated otherwise)
CONDITIONS
SYMBOL 2CL9KV/350mA
Repetitive Peak Reverse Voltage
VRRM
9KV
Average Forward Current
Current
IAV
350mA
Non-Repetitive Peak Forward Current
IFSM
30A
Allowable Junction Temperature
Tj
130℃
Storage Temperature Range
Tstg
-40~130℃
Maximum Forward Voltage Drop
IF=350mA,Ta=25 ℃
VF
10.0V
Maximum Reverse Recovery Time
IF=2mA IR=4mA
trr
--
Maximum Reverse Current
Current
VR=VRRM ,Ta=25 ℃
IR1
5.0μA
SYMBOL 2CL9KV/350mA
(
Unit:mm)
A
22.0
D
Φ7.5
B
22
C
Φ
1.2


Similar Part No. - 2CL9KV

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
2CL9KV-450MA ANSHAN-2CL9KV-450MA Datasheet
211Kb / 2P
High voltage rectifier diodes 2CL9KV/450mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results

Similar Description - 2CL9KV

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL70 LEADSUN-2CL70 Datasheet
333Kb / 1P
High Voltage Diode
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
SPF03-20 LEADSUN-SPF03-20 Datasheet
314Kb / 1P
High Voltage Diode
SPF05-15 LEADSUN-SPF05-15 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
High Voltage Diode
2CL105 LEADSUN-2CL105 Datasheet
296Kb / 1P
High Voltage Diode
HVD37-08F LEADSUN-HVD37-08F Datasheet
298Kb / 1P
High Voltage Diode
HVRT250 LEADSUN-HVRT250 Datasheet
287Kb / 1P
High Voltage Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com