Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3312NH Datasheet(PDF) 1 Page - ebm-papst

Part # 3312NH
Description  DC axial fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3312NH Datasheet(HTML) 1 Page - ebm-papst

  3312NH Datasheet HTML 1Page - ebm-papst 3312NH Datasheet HTML 2Page - ebm-papst 3312NH Datasheet HTML 3Page - ebm-papst 3312NH Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC axial fan
3312 NH
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Str. 1
D-78112 St. Georgen
Phone +49 (0) 7724 81-0
Fax +49 (0) 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
3312 NH
Nominal voltage
VDC
12
Nominal voltage range
VDC
6 .. 15
Speed (rpm)
min-1
3050
Power consumption
W
2.8
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
75
Air flow
m3/h
93
Sound power level
B
5.1
Sound pressure level
dB(A)
38
ml = Max. load · me = Max. efficiency · fa = Free air · cs = Customer specification · ce = Customer equipment
Subject to change
ENU (Web) · 2016-11-10 · Page 1 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Similar Part No. - 3312NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3312NH ETC2-3312NH Datasheet
466Kb / 1P
DC axial fans Series 3300 N 92 x 92 x 32 mm
3312NH3 ETC2-3312NH3 Datasheet
466Kb / 1P
DC axial fans Series 3300 N 92 x 92 x 32 mm
logo
ebm-papst
3312NH3 EBMPAPST-3312NH3 Datasheet
452Kb / 4P
DC axial fan
logo
List of Unclassifed Man...
3312NHH ETC2-3312NHH Datasheet
466Kb / 1P
DC axial fans Series 3300 N 92 x 92 x 32 mm
logo
ebm-papst
3312NHH EBMPAPST-3312NHH Datasheet
452Kb / 4P
DC axial fan
More results

Similar Description - 3312NH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com