Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK2541 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK2541
Description  DUAL HIGH POWER OP-AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK2541 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK2541 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK2541 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK2541 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK2541 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK2541 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK2541 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Group A
Subgroup
-
1, 2, 3
1
2, 3
1
2, 3
1
2, 3
-
-
-
-
4
5, 6
4
5, 6
-
4
4
4
5, 6
-
-
-
-
-
Parameter
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Capacitance
Input Impedance
Common Mode Rejection Ratio
Power Supply Rejection Ratio
OUTPUT
Settling Time
Power Bandwidth
TRANSFER CHARACTERISTICS
Slew Rate
THERMAL RESISTANCE
θJC (Junction to Case)
θJC
θJC
θJC
θJA (Junction to Ambient)
Test Conditions
Total - Both Amplifiers VIN = 0V
VIN = 0V
VIN = 0V
VCM = 0V
Either Input
F = DC
F = DC VCM = ±22V
VCC = ±10V to ±40V
RL = 5.6Ω F ≤ 10 KHz
RL = 10Ω F = 10 KHz
RL = 5.6Ω F ≤ 10 KHz
RL = 10Ω F = 10 KHz
0.1% 2V step
RL = 10Ω VO = 20 VRMS
VOUT = ±10V RL = 10Ω
One Amplifier, DC Output
One Amplifier, AC Output F > 60 Hz
Both Amplifiers, DC Output
Both Amplifiers, AC Output F > 60 Hz
No Heat Sink
Max.
±40
±60
±10
-
±100
-
30
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1.9
1.5
1.2
1.0
-
Typ.
±35
±40
±1.0
±15
±4
±10
2.0
-
5
1012
113
90
±29
-
±8
-
2
50
10
100
-
1.4
1.25
0.9
0.8
30
Min.
±10
-
-
-
-
-
-
-
-
-
90
-
±28
-
±5
-
-
40
6
90
-
-
-
-
-
-
Typ.
±35
±40
±0.1
±15
±4
±10
2.0
-
5
1012
113
90
±29
±31
±8
-
2
55
10
100
-
1.4
1.25
0.9
0.8
30
Min.
±10
-
-
-
-
-
-
-
-
-
95
-
±28
±30
±5
±3.0
-
45
6
95
85
-
-
-
-
-
±VCC Voltage Supply
±40V
IOUT
Peak Output Current
See S.O.A.
VIN
Differential Input Voltage
±VCC
VIN
Common Mode Input Voltage
±VCC
TC
Case Operating Temperature Range
MSK 2541B
-55° to +125°C
MSK 2541
-40° to +85°C
ABSOLUTE MAXIMUM RATINGS
TST
Storage Temperature Range
-65° to +150°C
TLD
Lead Temperature Range
300°C
(10 Seconds)
PD
Power Dissipation
125W
TJ
Junction Temperature
150°C
Units
V
mA
mV
µV/°C
pA
nA
pA
nA
pF
W
dB
dB
V
V
A
A
µS
KHz
V/µS
dB
dB
°C/W
°C/W
°C/W
°C/W
°C/W
2
Rev. B 8/00
ELECTRICAL SPECIFICATIONS
Military
Industrial
4
3 4
Max.
±40
±60
±1.0
±30
±50
±50
30
20
-
-
-
-
-
-
-
-
-
-
-
-
-
1.9
1.5
1.2
1.0
-
NOTES:
1
Unless otherwise specified: RCL = 0Ω, ±VCC = ±34 VDC, all specs are per amplifier.
2
Electrical specifications are derated for power supply voltages other than ±34 VDC.
3
AV = -1, measured in false summing junction circuit.
4
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
5
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
6
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
7
Subgroup 5 and 6 testing available upon request.
8
Subgroup 1, 4
TA=TC=+25°C
Subgroup 2, 5
TA=TC=+125°C
Subgroup 3, 6
TA=TC=-55°C
4
2
4
4
Input Bias Current
Input Bias Current
VCM = 0V
Output Current
Output Voltage Swing
Open Loop Voltage Gain
F = 10 Hz RL = 10 KΩ
MSK 2541B
MSK 2541
4
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com