Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR752 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DR752
Description  Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DR752 Datasheet(HTML) 1 Page - Micro Commercial Components

  DR752 Datasheet HTML 1Page - Micro Commercial Components DR752 Datasheet HTML 2Page - Micro Commercial Components DR752 Datasheet HTML 3Page - Micro Commercial Components DR752 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DR750
THRU
DR7510
Passivated Rectifier
50 - 1000 Volts
R-6
Features
•
Low Cost and Low Leakage
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Maximum Thermal Resistance; 10
°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DR750
50V
35V
50V
DR751
100V
70V
100V
DR752
200V
140V
200V
DR754
400V
280V
400V
DR756
600V
420V
600V
DR758
800V
560V
800V
DR7510
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 60
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 6.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
D
D
C
Cathode
Mark
6 Amp Glass
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
DIMENSIONS
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
DR750
DR751
DR752
DR754
DR756
DR758
DR7510
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
High Current Capability
•
High Surge Current Capability


Similar Part No. - DR752

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DR752 MCC-DR752 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
logo
DIOTEC Electronics Corp...
DR752 DEC-DR752 Datasheet
82Kb / 1P
25 AMP LEAD MOUNT BUTTON DIODES
logo
Micro Commercial Compon...
DR752 MCC-DR752 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results

Similar Description - DR752

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DR750 MCC-DR750 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
PB605 MCC-PB605 Datasheet
81Kb / 2P
6 Amp Glass Passivated Rectifier 50 to 1000 Volts
60S05 MCC-60S05_11 Datasheet
451Kb / 3P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
logo
New Jersey Semi-Conduct...
60S05 NJSEMI-60S05 Datasheet
159Kb / 1P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
SMLJ60S5 MCC-SMLJ60S5 Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05-TP MCC-SMLJ60S05-TP Datasheet
248Kb / 3P
6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
GBJ6005 MCC-GBJ6005_13 Datasheet
204Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL6005 MCC-GBJL6005 Datasheet
242Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
6A05G MCC-6A05G Datasheet
822Kb / 4P
6 Amp Glass Passivated Junction Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com