Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL56 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SL56
Description  5 Amp Low VF Schottky Rectifier 40~100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL56 Datasheet(HTML) 2 Page - Micro Commercial Components

  SL56 Datasheet HTML 1Page - Micro Commercial Components SL56 Datasheet HTML 2Page - Micro Commercial Components SL56 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
2 of
3
Revision: B
2016/11/07
Characteristics(Typical)
Micro Commercial Components
M C C
TM
020
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
0.2
0.4
0.6
0.8
1.0
0.01
0.02
0.05
VF(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
SL54
0
SL510
SL56
0
0
1.0
Ta(℃)
160
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
2.0
3.0
4.0
5.0
6.0
FIG1 Forward Current Dearting Curve
1
0
2
5
10
20
50
100
50
100
150
sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capadility
Number of Cycles
0
8.3ms
1cycle
8.3ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com