Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD22PL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMD22PL
Description  Schottky Barrier Diodes 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD22PL Datasheet(HTML) 2 Page - Micro Commercial Components

  SMD22PL Datasheet HTML 1Page - Micro Commercial Components SMD22PL Datasheet HTML 2Page - Micro Commercial Components SMD22PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD22PL~SMD210PL
Revision:
E
20
17/04/01
www.mccsemi.com
2 of
3
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
SMD22PL~24PL
SMD26PL
T - 25ºC
J
I Pulse Width = 300 ms
F
0
0.5
1.0
25
50
75
100
125
150
T, LEAD TEMPERATURE (ºC)
L
Fig. 1 Forward Current Derating Curve
1.5
2.0
2.5
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
SMD22PL~2
4PL
SMD2
6PL~210PL
SMD28PL~210PL
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com