Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD38PL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMD38PL
Description  3 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD38PL Datasheet(HTML) 2 Page - Micro Commercial Components

  SMD38PL Datasheet HTML 1Page - Micro Commercial Components SMD38PL Datasheet HTML 2Page - Micro Commercial Components SMD38PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
A
20
16/07/28
www.mccsemi.com
2 of 3
Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
0
0
0.5
Ta℃
)
FIG1:Io-Ta Curve
160
40
80
120
1.0
1.5
2.0
2.5
3.0
S
MD32PL-SMD34PL
S
MD36PL-SMD310PL
1
0
2
5
10
20
20
FIG2:Surge Forward Current Capadility
50
100
Number of Cycles
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.02
0.05
VF(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
SMD32PL-34PL
SMD36PL
SMD38PL-310PL
8.3ms Single Half Sine Wave
JEDEC Method
Single Phase
Half Wave 60Hz
Resistive Load
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com