Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD210PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMD210PL
Description  Schottky Barrier Diodes 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD210PL Datasheet(HTML) 1 Page - Micro Commercial Components

  SMD210PL Datasheet HTML 1Page - Micro Commercial Components SMD210PL Datasheet HTML 2Page - Micro Commercial Components SMD210PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD22PL
THRU
Schottky Barrier
Diodes
20 to 100 Volts
Features
•
Low Profile Package
Symbol
Parameter
Rating
Unit
VRMS
Maximum RMS Voltage
SMD22PL
SMD24PL
14
28
V
VRRM
Repetitive Peak Reverse Voltage SMD22PL
SMD24PL
20
40
V
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at TL=90
2.0
A
IFSM
Surge Forward Current,halfsine wave 8.3ms
50
A
TJ, Tstg
Temperature
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltag
SMD22PL~24PL
SMD26PL
---
---
---
---
0.50
0.70
V
Cj
Typical--Junction--Capacitance
@f=1.0MHz,Vr=4V
---
210
---
pF
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
SOD-123FL
SMD210PL
OC
Maximum Ratings
M
echanical Data
•
Packaging: SOD-123FL
•
Marking Code: SMD22PL---M2; SMD24PL---M4; SMD26PL---M6
SMD28PL---M8; SMD210PL---M10;
SMD26PL
SMD28PL
SMD210PL
SMD26PL
SMD28PL
SMD210PL
60
80
100
42
56
70
RthJA
RthJC
RthJL
Typical Thermal Resistance
(Note2)
OC/W
60
30
21
PD
Power Dissipation
OC/W
OC/W
1.68
W
SMD28PL~210PL
0.85
---
---
Maximum DC Reverse Current
0.5
mA
---
IR
---
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
•
Halogen free available upon request by adding suffix "-HF"
•
High-Surge-Capability
•
Low Forward Voltage
2. Thermal Resistance:PC Board Mounted on 0.2*0.2''(5*5mm) copper pad area.
(@2A dc)
-65 to +125
oC
SMD22PL~SMD2
4PL
SMD2
6PL~SMD210PL
-65 to +150
OC
Junction and Storage
Micro Commercial Components
M C C
R
Revision:
E
20
17/04/01
www.mccsemi.com
1 of 3


Similar Part No. - SMD210PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD210PL MCC-SMD210PL Datasheet
349Kb / 3P
Schottky Barrier Diodes 20 to 100 Volts
logo
Nanjing International G...
SMD210PL DGNJDZ-SMD210PL Datasheet
273Kb / 2P
2 Amp Schottky Barrier Diodes
SMD210PL DGNJDZ-SMD210PL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD210PL DGNJDZ-SMD210PL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD210PL DGNJDZ-SMD210PL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
More results

Similar Description - SMD210PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM5817PL MCC-SM5817PL Datasheet
77Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
SMD22PL MCC-SMD22PL Datasheet
162Kb / 1P
Schottky Barrier Diodes 20 to 60 Volts
SM5817PL MCC-SM5817PL_11 Datasheet
245Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
SMD22PL MCC-SMD22PL_11 Datasheet
349Kb / 3P
Schottky Barrier Diodes 20 to 100 Volts
SMD22PL-TP MCC-SMD22PL-TP Datasheet
386Kb / 3P
Schottky Barrier Diodes 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL_17 Datasheet
481Kb / 4P
Schottky Barrier Diodes 20 to 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com