Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMF310 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMF310
Description  Standard SMD LED PLCC-2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMF310 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMF310 Datasheet HTML 1Page - Vishay Siliconix TLMF310 Datasheet HTML 2Page - Vishay Siliconix TLMF310 Datasheet HTML 3Page - Vishay Siliconix TLMF310 Datasheet HTML 4Page - Vishay Siliconix TLMF310 Datasheet HTML 5Page - Vishay Siliconix TLMF310 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number 83152
Rev. 1.8, 24-Sep-07
www.vishay.com
3
Vishay Semiconductors
TLMF310.
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Rel. Luminous Intensity vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
1.0
1.5
2.0
2.5
3.0
VF - Forward Voltage (V)
95 10882
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
2030
4050
6070
80
90 100
Tamb - Ambient Temperature (°C)
95 10883
Figure 6. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 7. Relative Luminous Intensity vs. Forward Current
Figure 8. Relative Intensity vs. Wavelength
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
110
96 11589
t
P/T
I
F (mA)
50
520
2
0.5
0.2
0.1 0.05
0.02
1
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
96 11588
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
560 570 580 590 600 610 620 630 640 650 660
λ - Wavelength (nm)
95 10885
soft orange



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com