Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMF3100-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMF3100-GS18
Description  Standard SMD LED PLCC-2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMF3100-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMF3100-GS18 Datasheet HTML 1Page - Vishay Siliconix TLMF3100-GS18 Datasheet HTML 2Page - Vishay Siliconix TLMF3100-GS18 Datasheet HTML 3Page - Vishay Siliconix TLMF3100-GS18 Datasheet HTML 4Page - Vishay Siliconix TLMF3100-GS18 Datasheet HTML 5Page - Vishay Siliconix TLMF3100-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 83152
Rev. 1.8, 24-Sep-07
Vishay Semiconductors
TLMF310.
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
in one packing unit IVmax/IVmin ≤ 1.6
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
ABSOLUTE MAXIMUM RATINGS1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
DC Forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 μsIFSM
0.1
A
Power dissipation
Tamb ≤ 60 °C
PV
80
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMF310., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity
IF = 10 mA
TLMF3100
IV
25
50
mcd
TLMF3101
IV
40
125
mcd
Dominant wavelength
IF = 10 mA
λ
d
598
605
611
nm
Peak wavelength
IF = 10 mA
λ
p
610
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
22.6
V
Reverse voltage
IR = 10 μAVR
5V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Figure 1. Power Dissipation vs. Ambient Temperature
0
20
40
60
80
100
020
40
60
80
100
Tamb – Ambient Temperature (°C)
16614
Figure 2. Forward Current vs. Ambient Temperature for InGaN
0
5
10
15
20
25
30
35
40
0
1020
3040
5060
70
80
90 100
T
amb - Ambient Temperature (°C)
16615



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com