Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP372H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP372H
Description  IR Receiver Modules for Remote Control Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP372H Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP372H Datasheet HTML 1Page - Vishay Siliconix TSOP372H Datasheet HTML 2Page - Vishay Siliconix TSOP372H Datasheet HTML 3Page - Vishay Siliconix TSOP372H Datasheet HTML 4Page - Vishay Siliconix TSOP372H Datasheet HTML 5Page - Vishay Siliconix TSOP372H Datasheet HTML 6Page - Vishay Siliconix TSOP372H Datasheet HTML 7Page - Vishay Siliconix TSOP372H Datasheet HTML 8Page - Vishay Siliconix TSOP372H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSOP372..H, TSOP374..H
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 27-Feb-15
2
Document Number: 82622
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
30 k
Ω
V
S
OUT
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
4, 5
1
2, 3,
6, 7, 8
20445-5
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
3mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
2.5
5.5
V
Supply current
VS = 3.3 V, Ev = 0
ISD
0.27
0.35
0.45
mA
Ev = 40 klx, sunlight
ISH
0.45
mA
Transmission distance
Ev = 0, IR diode TSAL6200,
IF = 200 mA, test signal see fig. 1
d45
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see fig. 1
VOSL
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee min.
0.12
0.25
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee max.
30
W/m2
Directivity
Angle of half transmission
distance
ϕ1/2
± 75
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com