Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS16-L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SS16-L
Description  1 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS16-L Datasheet(HTML) 2 Page - Micro Commercial Components

  SS16-L Datasheet HTML 1Page - Micro Commercial Components SS16-L Datasheet HTML 2Page - Micro Commercial Components SS16-L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS12-L thru SS110-L
Revision: E
2017/04/05
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R
0
50
150
FIG.1: FORWARD CURRENT DERATING CURVE
Resistive or Inductive Load
P.C.B. Mounted on 0.2"×0.2"
(5.0mm×5.0mm)Copper Pad Areas
TL(℃)
100
0.2
0.4
0.6
0.8
1.0
0
25
75
125
SS12-SS14-L
SS15-SS110-L
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.01
VF(V)
0.4
TJ=25℃
Pulse width=300us
2% Duty Cycle
0.1
1.0
10
100
0.6
0.8
1.0
1.2
1.4
SS12-SS14-L
SS15-SS16-L
SS18-SS110L
0.2
0
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
0
20
40
60
80
100
0.001
Tj=25℃
Tj=75℃
100
10
1.0
0.1
0.01
Tj=125℃
SS12-SS14-L
SS15-SS110-L
1
0
2
5
10
20
50
100
FIG2:Surge Forward Current Capadility
Number of Cycles
10
20
30
40
50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com