Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS150X Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS150X
Description  Ultrabright 0402 ChipLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS150X Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS150X Datasheet HTML 1Page - Vishay Siliconix VLMS150X Datasheet HTML 2Page - Vishay Siliconix VLMS150X Datasheet HTML 3Page - Vishay Siliconix VLMS150X Datasheet HTML 4Page - Vishay Siliconix VLMS150X Datasheet HTML 5Page - Vishay Siliconix VLMS150X Datasheet HTML 6Page - Vishay Siliconix VLMS150X Datasheet HTML 7Page - Vishay Siliconix VLMS150X Datasheet HTML 8Page - Vishay Siliconix VLMS150X Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VLMS150x, VLMO1500, VLMY150x, VLMG1500,
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 05-Sep-17
2
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMS150x, VLMO1500, VLMY150x, VLMG1500 (AlInGaP technology)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
IF
30
mA
Surge forward current
1/10 duty cycle, 0.1 ms pulse width
IFSM
80
mA
Power dissipation
Tamb  25 °C
PV
75
mW
Operating temperature range
Tamb
-30 to +85
°C
Storage temperature range
Tstg
-40 to +85
°C
IRED solder conditions
according Vishay specifications
Tst
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMB150x, VLMTG150x (InGaN technology)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
DC forward current
IF
20
mA
Surge forward current
1/10 duty cycle, 0.1 ms pulse width
IFSM
100
mA
Power dissipation
Tamb  25 °C
PV
76
mW
Operating temperature range
Tamb
-20 to +80
°C
Storage temperature range
Tstg
-30 to +100
°C
IRED solder conditions
according Vishay specifications
Tst
260
°C
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS150x, SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMS1500
IV
18
54
180
mcd
IF = 20 mA
VLMS1501
IV
28
54
180
mcd
Dominant wavelength
IF = 20 mA
d
-
631
-
nm
Peak wavelength
IF = 20 mA
p
-
639
-
nm
Angle of half intensity
IF = 20 mA
-± 65
-
deg
Spectral line half width
IF = 20 mA

-20-
nm
Forward voltage
IF = 20 mA
VF
1.80
2.0
2.4
V
Reverse current
VR = 5 V
IR
--
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO1500, SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMO1500
IV
45
90
280
mcd
Dominant wavelength
IF = 20 mA
d
598
605
612
nm
Peak wavelength
IF = 20 mA
p
-
611
-
nm
Angle of half intensity
IF = 20 mA
-± 65
-
deg
Spectral line half width
IF = 20 mA

-17-
nm
Forward voltage
IF = 20 mA
VF
1.80
2.0
2.4
V
Reverse current
VR = 5 V
IR
-
-
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com