Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC810 Datasheet(PDF) 3 Page - Lumins Inc.

Part # EC810
Description  Cast aluminum upper electrical housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

EC810 Datasheet(HTML) 3 Page - Lumins Inc.

  EC810 Datasheet HTML 1Page - Lumins Inc. EC810 Datasheet HTML 2Page - Lumins Inc. EC810 Datasheet HTML 3Page - Lumins Inc. EC810 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
3
EC810/EC811 SERIES
ECLIPSE MAXI - LED
Power feed
28”
(711)
42.2”
(1072)
30”
(762)
17.75”
(451)
18”
(457)
Power feed
12”
(304)
Power feed
12”
(304)
12”
(304)
34.5”
(876)
PAA
Pole series
PSB
Pole series
PST
Pole series
POLE MOUNT
AC8
1” X 3” (25x76) extruded aluminum extended
arm pole mounting adaptor designed to fit
with 4 to 5” dia. poles. 1/2” dia. X 45º standard
natural stainless steel rod support. (EPA: 0.7)
EC8P (EC810 and EC811)
Set of (2) 1” X 3” (25x76) extruded aluminum side
pole straight mounting. Pole mounting adaptor
fits with 4 to 5” dia. poles. (EPA: 0.97)
EC8PS (EC810 only)
Set of (2) 1” X 3” (25x76) extruded aluminum
side pole straight mounting. Pole mounting
adaptor fits with 4 to 5” dia. poles. (EPA: 0.72)
PR8
8” Dia.(203) X 8 3/4” (222)H.
extruded aluminum stand designed
for short walls or pier mount.
Ø 4”
Ø 5”
Ø 4”
Tapered
Ø 4”
Height
Pole
PAA410 PAA510
PST10
-------
PSB10
10 Ft. (3 M)
PAA412
PAA512
PST12
-------
PSB12
12 Ft. (3,6 M)
PAA414
PAA514
PST14
-------
PSB14
14 Ft. (4,2 M)
PAA416
PAA516
PST16
PTA16
PSB16
16 Ft. (4,8 M)
PAA418
PAA518
-------
PTA18
PSB18
18 Ft. (5,5 M)
PAA420 PAA520
-------
PTA20
PSB20
20 Ft. (6,0 M)
-------
-------
-------
PTA25
-------
25 Ft. (7,6 M)
For additional pole details, please refer to separate pole specification sheet.
Ø 4”= 100mm Ø5”= 127mm
MATCHING POLE SELECTION
42.2”
(1072)
42.2”
(1072)
8” Dia. (203) base
6” (152) dia.
Bolt circle
4” (102) dia.
Power feed
opening
NOTE
: PST pole with AC8 or 2AC8 attachment requires a 30” (762) tenon extension over pole nominal height.
EC8P, 2EC8P, EC8PS and 2EC8PS require an 18” tenon extension. Factory installed.
2AC8
Double pole mount attachments with 45º
support at 180º
2EC8PS
Double pole mount attachment with short
arms at 180º (EC810 only)
2EC8P
Double pole mount attachment with arms
at 180º
PTA
Pole Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com